Part Number Hot Search : 
CD5242 BD238 DWR2G UDA1342T 84065131 1SMB5925 SF5002 U2508
Product Description
Full Text Search
 

To Download KBPC2504NW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBPC2505NW THRU KBPC2510NW
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Integrally molded heatsink provide very low thermal resistance l High isolation voltage from case to lugs l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max. l Weight:0.47ounce, 13.4 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS
VOLTAGE RANGE CURRENT
50 to 1000 Volts 25 Amperes
BR-35WN
AC 0.732( 18.6) 0.692( 17.6) AC + 0.47( 11.9) 0.43( 10.9)
0.205( 5.2) 0.197( 5.0)
0.732( 18.6) 0.692( 17.6) 1.13( 28.8) 1.11( 28.2)
METAL HEAT SINK EXOPY CASE
0.32( 8.2) 0.30( 7.8)
0.78( 19.8) MIN
0.042( 1.10) DIA 0.038( 0.97) TYP
Dimensions in inches and (millimeters)
KBPC 25005NW
KBPC 2501NW
KBPC 2502NW
KBPC 2504NW
KBPC 2506NW
KBPC 2508NW
KBPC 2510NW
UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps VAC /W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=50(Note1, 2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 12.5A Maximum DC Reverse Current at rated TA=25 DC blocking voltage TA=150 Isolation Voltage from case to leads Typical Thermal Resistance (Note 1, 2) Operating Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM IT VF IR VISO RJC TJ TSTG
2
50 35 50
100 70 100
200 140 200
400 280 400 25 300 373 1.1 10 1.0 2500 2.0 -55 to +150 -55 to +150
600 420 600
800 560 800
1000 700 1000
NOTES: 1. Unit mounted on 5"x6"x4.9" thick (12.8mmx15.2mmx12.4mm) Al. plate. 2. Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
Web Site: WWW.PS-PFS.COM
1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBPC2505NW THRU KBPC2510NW
VOLTAGE RANGE CURRENT 50 to 1000 Volts 25 Amperes
Web Site: WWW.PS-PFS.COM
2/2


▲Up To Search▲   

 
Price & Availability of KBPC2504NW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X